PART |
Description |
Maker |
PIC12CE518-04/SN PIC12CE518-04E/SM PIC12CE518-04I/ |
8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory GIGABASE 350 CAT5E PATCH 6 FT, NON BOOT, PURPLE HDMI (F) TO DVI (M) 24 PIN SWIVEL ADAPTER Fuse; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory 8引脚8位微控制器的CMOS EEPROM数据存储 IC-SM-8-BIT MCU 集成电路位微控制
|
Microchip Technology Inc. Microchip Technology, Inc. Cinch Connectors
|
PA22-040K P22-040K P22-040K2 P23-020 P23-020K PA23 |
MCU CMOS 40 LD 33MHZ 2K EPRM, 0C to 70C, 40-CERDIP 600mil, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY 14 pin PIC w/flash, comp, midrange core, 1K words flash & 128 bytes of EEPROM, -40C to 125C, 14-TSSOP, T/R MCU CMOS 40 LD 16MHZ 2K EPRM, -40C to 85C, 40-PDIP, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 28-QFN, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 18-SOIC 300mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8HMz internal osc,Hi Volt Support, -40C to 85C, 14-TSSOP, TUBE 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 125C, 14-PDIP, TUBE MCU CMOS 44LD 25MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd. Electronic Theatre Controls, Inc.
|
PIC16F74 PIC16F74I_L PIC16F74I_P PIC16F74I_PT PIC1 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers IC-SMD-8-BIT MCU
IC-8-BIT MCU
|
Microchip Technology
|
STM8AF6146 STM8AF6166 STM8AF6126 STM8AF6148 STM8AF |
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
ST72260G1 ST72262G1 ST72262G2 ST72264G1 ST72264G2 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES (DATA BRIEFING)
|
SGS Thomson Microelectronics
|
KM416V1204BJ KM416V1004BT-L7 KM416V1204BT-L7 |
3.3V, 1M x 16 bit CMOS DRAM with extended data out, 70ns 1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
|
Samsung Electronic Samsung semiconductor
|
P2288-02 P2288-09 |
MCU CMOS 44 LD 33MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-TQFP, TRAY
|
Golledge Electronics, Ltd.
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
ST92196A2B1/GEN ST92E196 ST92T196 ST92T196B7B1 |
8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM,ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS 8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
|
ST Microelectronics
|
XE88LC02MI000 XE88LC02MI035 |
Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
OV7411N OV7635 OV9630 OV7648 OV7431 |
MCU CMOS 18LD 4MHZ 1K EPRM, 0C to 70C, 18-PDIP, TUBE MCU CMOS 18LD 20MHZ 1K EPRM, 0C to 70C, 18-SOIC 300mil, TUBE MCU CMOS 18LD 20MHZ 1K EPRM, -40C to 85C, 18-PDIP, TUBE MCU CMOS 20LD 20MHZ 1K EPRM, -40C to 85C, 20-SSOP 208mil, TUBE packaging specifications MCU CMOS 18LD 4MHZ 1K EPRM, -40C to 85C, 18-PDIP, TUBE /黑白| NTSC制式| 508 × 492 |模拟|的CameraChip |技术报
|
Omnivision Technologies Inc.
|
|